Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS7021 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS7021
Description  10 BASE-T SMD ETHERNET TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS7021 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS7021 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: April 21-2000 Pre by:WuQingli Rev.: X.0
10 BASE-T SMD ETHERNET TRANSFORMER
P/N: TS7021 DATA SHEET
A.GENERAL SPECIFICATIONS:
1. 16 PIN SMD PACKAGE TO COMPLIANT WITH IEEE 802.3 STANDARD.
2. MODEL IS AVAILABLE TO INTERFACE WITH 10 BASE-T TRANSCEIVERS.
3. COMPATIBLE WITH IR OVEN PROCESSES.
4. OPERATING TEMPERATURE RANGE: 0°C TO +70°C
5. STORAGE TEMP RANGE: -25°C TO + 125°C
B. ELECTRICAL SPECIFICATIONS: (@ 25°C)
1.TURNS RATIO: 1-3/16-14=2CT: 1CT; 6-8/11-9: =1CT: 1CT.
2.PRIMARY OCL: 1-3 & 9-11(uH MIN.): 175 (AT 100KHz/0.2V)
3.PRI/SEC Cw/w: 20 pF MAX
4.PRI/SEC LEAKAGE INDUCTANCE: 0.30 uH MAX
5.PRIMARY DCR: 0.9. OHM MAX
6. HI-POT: 1500Vrms
C.SCHEMATIC & DIMENSIONS & MARKING (UNIT mm) :


Similar Part No. - TS7021

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS7022 BOTHHAND-TS7022 Datasheet
260Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022A BOTHHAND-TS7022A Datasheet
224Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS7022B BOTHHAND-TS7022B Datasheet
201Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022BM BOTHHAND-TS7022BM Datasheet
265Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022C BOTHHAND-TS7022C Datasheet
519Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
More results

Similar Description - TS7021

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST7011 BOTHHAND-16ST7011_1 Datasheet
187Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS100-06 BOTHHAND-TS100-06 Datasheet
27Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
TS6121B BOTHHAND-TS6121B Datasheet
40Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
TS7013B BOTHHAND-TS7013B Datasheet
72Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS150-06 BOTHHAND-TS150-06 Datasheet
198Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS800-06LF BOTHHAND-TS800-06LF Datasheet
72Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7010 BOTHHAND-TS7010 Datasheet
200Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7011A BOTHHAND-TS7011A Datasheet
191Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022B BOTHHAND-TS7022B Datasheet
201Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7025A BOTHHAND-TS7025A Datasheet
199Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com