Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSBKS9UG3392 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSBKS9UG3392
Description  DURL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKS9UG3392 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSBKS9UG3392 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Electrical & Optical Characteristics (Ta=25
℃)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
℃
Topr
Operating Temperature
Storage Temperature
Tstg
℃
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
PD
Ir
IFP
Forward Current
Parameter
IF
Symbol
60
75
10
mW
μA
mA
9UG
30
Ratings
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
℃
Page 2/6
Electrostatic Discharge( * )
ESD
2000
V
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
50
500
100
120
30
SBKS
-20 ~ +85
-30 ~ +100
White Diffused
LSBKS9UG3392
Blue
InGaN/SiC
PART NO
MATERIAL
Emitted
Lens
COLOR
120
475
26
----
3.5 4.2
240
70
70
Min.
Luminous
intensity
@20mA(mcd)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
Typ.
Min.
Max.
Viewing
angle
2
θ 1/2
(deg)
Typ.
Green
AlGaInP
574
2.6
1.7
20
220
120
----
PART NO. LSBKS9UG3392



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com