Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40ST1041IX Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1041IX
Description  40PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1041IX Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1041IX Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
40PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
P/N: 40ST1041IX DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A1(02/07)
Feature
IEEE 802.3 Ethernet compatible, 100 Base-TX.
Surface mountable.
Design for multiport repeater and Ethernet switching Hub
application.
Customer designs available for specific application.
Operating temperature range : 0℃ to +70℃.
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1Vrms
with 8mA/DC Bias
L.L
(uH Max)
CW/W
(pF Max)
Isolation Voltage
(Vrms)
Rise Time
(nS TYP)
40ST1041IX
1CT:1CT
1CT:1CT
350
0.45
56
1500
2.5
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB TYP)
DCMR
(dB Min)
Part
Number
0.3-100 MHz
0.3-30MHz 30-60MHz 60-80MHz 0.3-60MHz 60-100MHz
60MHz
100MHz 200MHz
40ST1041IX
-1.15
-16
-12
-10
-45
-35
-37
-28
-25
Schematic
Mechanical


Similar Part No. - 40ST1041IX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1041IX BOTHHAND-40ST1041IX Datasheet
214Kb / 1P
40PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041IX BOTHHAND-40ST1041IX Datasheet
273Kb / 1P
40PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041IX_S BOTHHAND-40ST1041IX_S Datasheet
214Kb / 1P
40PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
More results

Similar Description - 40ST1041IX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1021 BOTHHAND-40ST1021 Datasheet
224Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A Datasheet
203Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021B BOTHHAND-40ST1021B Datasheet
205Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021D BOTHHAND-40ST1021D Datasheet
200Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021 BOTHHAND-40ST1021_1 Datasheet
197Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1041IX_S BOTHHAND-40ST1041IX_S Datasheet
214Kb / 1P
40PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A_1 Datasheet
307Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021B BOTHHAND-40ST1021B_1 Datasheet
307Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021E BOTHHAND-40ST1021E Datasheet
280Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1041IX BOTHHAND-40ST1041IX Datasheet
273Kb / 1P
40PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com