Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSI11240 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSI11240
Description  TOWER TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSI11240 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSI11240 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSI11240 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSI11240 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSI11240 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSI11240 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO. LSI11240
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ1/2
(deg)
Luminous
intensity
@10mA(mcd)
Lens
Red Diffused
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LSI11240
PART NO
Orange
GaAsP/GaP
MATERIAL
Emitted
COLOR
Min.
2.6
45
1.7
610
Max.
Min.
50
4.5
7.5
Typ.
Symbol
Typical Electrical & Optical Characteristics (Ta=25
℃)
Absolute Maximum Ratings at Ta=25
℃
Peak Forward Current
Duty 1/10@10KHz
Soldering Temperature
Tsol
Power Dissipation
Reverse Current @5V
Operating Temperature
Storage Temperature
Topr
Tstg
PD
Ir
Forward Current
Parameter
IF
IFP
Max 260
℃ for 5 sec Max
-40 ~ +85
-40 ~ +100
80
10
℃
℃
mW
μA
SI
20
80
Ratings
UNIT
mA
mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2/4
Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com