Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSIR3331 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSIR3331
Description  INFRARED EMITTING DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSIR3331 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSIR3331 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSIR3331 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSIR3331 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSIR3331 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSIR3331 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSIR3331 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSIR3331 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Optical Characteristics (Aa=25
)
℃
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Max 260
℃ for 3 sec Max
(2mm from body)
Symbol
Ratings
Parameter
2000
Electrostatic Discharge
ESD
Soldering Temperature
Operating Temperature
Storage Temperature
Tsol
Topr
Tstg
Peak Forward Current
(300PPS,10
μs Pulse)
Reverse Voltage
Forward Current
Power Dissipation
Vr
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
℃
UNIT
V
℃
℃
V
mA
mW
A
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The radiant intensity data did not including
±15% testing tolerance.
SIR
5
50
1
100
Radiant Intensity
Aperture Radiant Incidence
Peak Emission Wavelength
Spectral Line Half Width
Forward Voltage
Reverse Current
Viewing Angle
PARAMETER
SYMBOL
UNIT
TEST CONDITION
IF=20mA
Le
mW/sr
Ee
mW/cm
λpeak
nm
△λ
nm
VR=5V
VFV
IR
μA
2
θ1/2
deg
2
IF=20mA
IF=20mA
IF=20mA
IF=20mA
Min.
Typ.
Max.
8.0
12
1.0
1.7
880
50
1.4
1.7
100
20
LSIR3331
PART NO.
Page 2/6
-40 ~ +85
-40 ~ +85



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com