Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSIR3331/TRS Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSIR3331/TRS
Description  INFRARED EMITTING DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSIR3331/TRS Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSIR3331/TRS Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSIR3331/TRS Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSIR3331/TRS Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSIR3331/TRS Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSIR3331/TRS Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSIR3331/TRS Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSIR3331/TRS Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSIR3331/TRS Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSIR3331/TRS Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
0.23
0.17
5.8
4.4
P1
Lead Location
mm
maxmum
102
380
88.0
38.1
Specification
50.0
57.2
1.13
28.6
D2
Hub Recess Inside Diameter
Arbor Hole Diameter
Iside Reel Flange Thickness
Overall Reel Thickness
D3
T1
T2
1000PCS
Quantity/Reel
30.0
13.8
1.18
0.54
Overall Taped Package Thickness
Center Of Component Location
Tape Width
Adhesive Tape Position
Adhesive Tape Width
Feed Hole Location
Core Diameter
Reel Diameter
Dimensions Symbol Information
•
REMARK:TRS=Tape And Reel Straight Leads
D1
D
Symbol
Description
78.2
34.9
mm
3.08
1.37
inch
minimum
-------
-------
-------
-------
-------
-------
3.46
T2
2.25
1.97
1.5
T1
0.3
0.61
0.16
0.38
0.75
D1
0.06
D3
MARKING
Package Dimensions
•
14.96
4.02
inch
D2
D
W1
14.5
W3
W2
17.5
0
T
W0
P2
-------
8.5
5.1
0.57
15.5
19.0
4.0
0.69
0
7.7
9.75
1.42
-------
0.33
0.2
SYMBOL
Tape Feed Hole Diameter
Front-To-Rear Deflection
Feed Hole Pitch
Feed Hole To Bottom Of Component
Lead Length After Component Height
Feed Hole To Overall Component Height
Component Lead Pitch
TRS-10
-------
-------
-------
-------
TRS-8
TRS-9
TRS-7
TRS-6
TRS-1
TRS-3
TRS-5
TRS-2
-------
-------
-------
Dimensions Symbol Information
•
SYMBOL ITEMS
OPTION
CODE
inch
inch
mm
mm
0.17
0.73
0.89
0.08
0.98
0.82
0.93
1.04
0.76
0.43
1.42
0.79
0.51
1.0
0.12
H1
18.0
P
L
H2
12.4
-------
W0
24.5
19.0
24.0
19.9
0.72
19.4
13.0
11.0
36
0.49
-------
20.9
25.0
20.0
25.5
0.96
0.75
0.94
0.78
17.5
25.5
22.5
21.5
F
△
H
D
2.3
-------
3.8
0.69
18.5
26.5
23.5
22.5
1.0
0.89
0.85
4.2
2.0
3.0
0.09
-------
0.15
SPECIFICATIONS
Minimum
Maximum
4/8
Page
PART NO. LSIR3331/TRS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com