Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSRF9UG3392/R2-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRF9UG3392/R2-PF
Description  DURL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF9UG3392/R2-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRF9UG3392/R2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF9UG3392/R2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF9UG3392/R2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF9UG3392/R2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF9UG3392/R2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF9UG3392/R2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF9UG3392/R2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
* Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
2000
V
2000
Electrostatic Discharge( * )
ESD
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
Viewing
angle
2
θ 1/2
(deg)
PART NO
MATERIAL
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
GREEN
AlGaInP
AlGaInP
LSRF9UG3392/R2-PF
RED
White Diffused
Emitted
Lens
1.7
70
220
120
2.6
20
574
2.4
Max.
20
630
1.5
Min.
160
300
70
Min.
Typ.
Typical Electrical & Optical Characteristics (Ta=25
)
COLOR
Forward
voltage
@20mA(V)
Luminous
intensity
@20mA(mcd)
Storage Temperature
Operating Temperature
Topr
Tstg
-40 ~ +85
-40 ~ +100
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
9UG
SRF
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Ir
PD
Forward Current
IF
IFP
75
10
10
75
μA
mW
60
30
30
90
mA
mA
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
Ratings
UNIT
Page 2/6
PART NO. LSRF9UG3392/R2-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com