Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSRF52140-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSRF52140-PF
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF52140-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSRF52140-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF52140-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF52140-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF52140-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF52140-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF52140-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
PART NO. LSRF52140-PF
Package Dimensions
100%
-60
°
100%
0
50%
75%
25%
50%
25%
75%
0
°
-30
°
30
°
□0.5
TYP
60
°
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/5
-
1.9
1.0MIN
1.5MAX
3.1
3.8
2.54TYP
25.0MIN
5.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com