Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUR9033-TR2-R Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LUR9033-TR2-R
Description  SURFACE MOUNT TAPE AND REEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUR9033-TR2-R Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LUR9033-TR2-R Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUR9033-TR2-R Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUR9033-TR2-R Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUR9033-TR2-R Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUR9033-TR2-R Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUR9033-TR2-R Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUR9033-TR2-R Datasheet HTML 7Page - LIGITEK electronics co., ltd. LUR9033-TR2-R Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0.0
0.8
Wavelength (nm)
Ambient Temperature(
℃)
Fig.5 Relative Intensity vs. Wavelength
1.0
0.0
600
0.5
-40
-20
650
700
750
-40
80
20
0
40
60
100
Ambient Temperature(
℃)
-20
0
40
20
100
80
60
1
Fig.3 Forward Voltage vs. Temperature
0.9
1.0
1.1
1.2
0 1
1.0
1.0
0.5
1.5
2.0
2.5
3.0
1
Fig.4 Relative Intensity vs. Temperature
Forward Voltage(V)
3.0
2.0
4.0
0.0
5.0
0.5
Forward Current(mA)
100
10
1000
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
10
100
1000
UR CHIP
Fig.2 Relative Intensity vs. Forward Current
2.5
1.5
1.0
2.0
3.0
Page4/7
LUR9033/TR2-R
PART NO.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com