Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP20108 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # SP20108
Description  6.6 Watts Switching Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SP20108 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SP20108 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
MECHANICAL
OUTPUTS
Connector Type
JST B4B-XH-A or Equivalent
IEC-320 Socket
Ref. No.
CN1
INLET
JST XHP-4 or Equivalent
Mating Connector Type
IEC-320 AC Power Cord
<
<
<
<
SP20108
Series
6.6 Watts Switching Power Supply
FEATURES
●Low Cost
●90-264Vac Universal Input
●CISPR’B’ & CNS‘B’ Compliance
●100% Burn-In Test
●Over Voltage Protection Installation
●Short-Circuit Protection Installation
●Protection Type: Auto-Recovery
SPECIFICATION
Model
Item
SP20108
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Efficiency
70% Typical
Operating Temperature
0~50℃
Storage Temperature
-20~85℃
Weight
55g
Safety Description
UL, CUL, TUV
(*): Under Development
(I/P): In Process
Model No.
SP20108
Vo
+3.3V
Min
0A
Rated
2A
Load
Surge
---
Line
1%
Regulation
Load
3%
Tolerance
+/-4%
Ripple
Noise
50mV


Similar Part No. - SP20108

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SP20100 JINGHENG-SP20100 Datasheet
511Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SP20100C PACELEADER-SP20100C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Shanghai Shunye Electro...
SP20100L SHUNYE-SP20100L Datasheet
1Mb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
SeCoS Halbleitertechnol...
SP20100R SECOS-SP20100R Datasheet
423Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R Datasheet
685Kb / 2P
20.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SP20108

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
T40-9311 BOTHHAND-T40-9311 Datasheet
45Kb / 1P
43 Watts Switching Power Supply
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
15 Watts Switching Power Supply
SP9908 BOTHHAND-SP9908 Datasheet
49Kb / 1P
39 Watts Switching Power Supply
SP9919 BOTHHAND-SP9919 Datasheet
48Kb / 1P
25 Watts Switching Power Supply
SP9920 BOTHHAND-SP9920 Datasheet
41Kb / 1P
9.9 Watts Switching Power Supply
SP9926 BOTHHAND-SP9926 Datasheet
45Kb / 1P
8.6 Watts Switching Power Supply
SP9927 BOTHHAND-SP9927 Datasheet
49Kb / 1P
30 Watts Switching Power Supply
SP20112 BOTHHAND-SP20112 Datasheet
44Kb / 1P
60 Watts Switching Power Supply
T60-9313 BOTHHAND-T60-9313 Datasheet
45Kb / 1P
60 Watts Switching Power Supply
logo
Sparkle Power Inc.
FSP400-60EPN SPI-FSP400-60EPN Datasheet
663Kb / 1P
400 Watts, ATX Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com