Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP115 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP115
Description  High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP115 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP115 Datasheet HTML 1Page - Toshiba Semiconductor TLP115 Datasheet HTML 2Page - Toshiba Semiconductor TLP115 Datasheet HTML 3Page - Toshiba Semiconductor TLP115 Datasheet HTML 4Page - Toshiba Semiconductor TLP115 Datasheet HTML 5Page - Toshiba Semiconductor TLP115 Datasheet HTML 6Page - Toshiba Semiconductor TLP115 Datasheet HTML 7Page - Toshiba Semiconductor TLP115 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP115
2002-09-25
7
tr, tf – Ta
Ambient temperature Ta (°C)
1kΩ
4kΩ
300
220
80
0
0
120
260
40
20
40
60
80
- 20
LF = 16mA
VCC = 5V
tf
tr
350Ω
1kΩ
RL = 350Ω
RL = 4kΩ
Forward current IF (mA)
tpHL, tpLH - IF
120
100
18
20
20
16
14
12
10
40
80
60
RL = 4kΩ
Ta = 25°C
VCC = 5V
tpHL
tpLH
350Ω
1kΩ
RL = 350Ω
1kΩ
4kΩ
Ambient temperature Ta (°C)
tpHL, tpLH - Ta
120
80
60
40
20
- 20
0
40
20
0
60
80
100
RL = 4kΩ
RL = 350Ω
1kΩ
4kΩ
IF = 16mA
VCC = 5V
tpHL
tpLH
350Ω
1kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com