Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS5014 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # GS5014
Description  1000 BASE -T DUAL PORT MAGNETICS MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

GS5014 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  GS5014 Datasheet HTML 1Page - Bothhand USA, LP. GS5014 Datasheet HTML 2Page - Bothhand USA, LP. GS5014 Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
1000 BASE –T DUAL PORT MAGNETICS MODULES
P/N: GS5014 DATA SHEET
Page : 1/2
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A3(02/05)
Feature
Designed for Ethernet 100/1000 BASE-T, full duplex
applications.
Supports 8 pairs of category 5 UTP cable.
Cable interface for isolation and low common mode
emissions.
Compliant with IEEE 802.3ab standard for 1000 BASE-T.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
Voltage Isolation
(Vrms)
GS5014
1CT:1CT
1CT:1CT
1500
Continue
Insertion
Loss
(dB Max.)
Return Loss
(dB Min @ 100 Ω)
Cross talk Attenuation
(dB Min)
DCMR
(dB Min)
Part
Number
1–100MHz 1-30MHz 40MHz 50MHz 60-80MHz 100MHz 30MHz 60MHz 100MHz 30MHz 60MHz 100MHz
GS5014
-1.0
-18
-14.4
-13.1
-12
-10
-40
-35
-30
-43
-37
-33
Schematic


Similar Part No. - GS5014

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
GS5014 BOTHHAND-GS5014 Datasheet
642Kb / 6P
1000 BASE-T MAGNETICS MODULES
GS5014-1LF BOTHHAND-GS5014-1LF Datasheet
91Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5014LF BOTHHAND-GS5014LF Datasheet
97Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
More results

Similar Description - GS5014

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
GS5012 BOTHHAND-GS5012 Datasheet
195Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
G2P109NLF BOTHHAND-G2P109NLF Datasheet
86Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
G4P109-D BOTHHAND-G4P109-D Datasheet
160Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109-ILF BOTHHAND-G4P109-ILF Datasheet
108Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109-I BOTHHAND-G4P109-I Datasheet
136Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109NLF BOTHHAND-G4P109NLF Datasheet
99Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109 BOTHHAND-G4P109 Datasheet
160Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
GS5012MLF BOTHHAND-GS5012MLF Datasheet
514Kb / 2P
1000 BASE-T DUAL PORT MAGNETICS MODULES
GS5014-1LF BOTHHAND-GS5014-1LF Datasheet
91Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5014LF BOTHHAND-GS5014LF Datasheet
97Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com