Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3520 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3520
Description  Triac Driver Programmable Controllers AC.Output Module Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3520 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3520 Datasheet HTML 1Page - Toshiba Semiconductor TLP3520 Datasheet HTML 2Page - Toshiba Semiconductor TLP3520 Datasheet HTML 3Page - Toshiba Semiconductor TLP3520 Datasheet HTML 4Page - Toshiba Semiconductor TLP3520 Datasheet HTML 5Page - Toshiba Semiconductor TLP3520 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3520
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
―
―
10
µA
Capacitance
CT
V = 0, f = 1 MHz
―
30
―
pF
Peak off
-state current
IDRM
VDRM = 400 V, Ta = 110°C
―
―
100
µA
Peak on
-state voltage
VTM
ITM = 1.5 A
―
―
3.0
V
Holding current
IH
RL = 100Ω
―
―
25
mA
Critical rate of rise of
off
-state voltage
dv / dt
Vin = 120 Vrms
(Fig.1)
200
500
―
V / µs
Critical rate of rise of
commutating voltage
dv / dt (c)
Vin = 120 Vrms, IT = 1.0 Arms
(Fig.1)
―
5
―
V / µs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT = 6 V
―
―
10
mA
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
―
1.5
―
pF
Isolation resistance
RS
VS = 500 V
5×10
10
10
14
―
Ω
AC, 1 minute
2500
―
―
AC, 1 second, in oil
―
5000
―
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
―
5000
―
Vdc
Fig.1: dv / dt test circuit
dv / dt(c)
5V,VCC
0V
Vin
VCC
RL
2
3
15
11
9
Rin
120Ω
dv / dt
+
-
13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com