Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3051FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3051FS
Description  OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3051FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3051FS Datasheet HTML 1Page - Toshiba Semiconductor TLP3051FS Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP3051F(S),TLP3052F(S)
1
2002-07-17
TOSHIBA PHOTOCOUPLER
GaAs IRED & PHOTO-TRIAC
TLP3051F(S),TLP3052F(S)
OFFICE MACHINE
HOUSEHOLD USE EQUIPMENT
TRIAC DRIVERSOLID STATE RELAY
The TOSHIBA TLP3051F(S) and TLP3052F(S)
consists of a photo-triac
optically coupled to a gallium arsenide infrared emitting diode in a six lead
plastic DIP packge.
All parameters are tested to the specification of TLP3051(S),TLP3052(S).
(both condition and limits)
· Peak Off-State Voltage
: 600V(Min)
· Trigger LED Current
: 15mA(Max)TLP3051
10mA(Max)TLP3052
· On-State Current
: 100mA(Max)
· Isolation Voltage
: 5000Vrms(Min)
· UL Recognized
:UL1577,File No.E67349
· SEMKO Approved
:SS EN60065, File No.9841102
SS EN60950, File No.9841102
· BSI Approved
:BS EN60065, File No.8385
BS EN60950, File No.8386
· Option(D4)type
VDE
Approved
:DIN
VDE0884
Certificate No.68383
·
Maximum Operating Insulation Voltage
: 1140VPK
·
Highest Permissible Over Voltage
:8000 VPK
(Note)When a VDE0884 approved type is needed,
please designate the “Option(D4)”
· Construction Mechanical Rating(10.16mm pich)
Creepage Distance : 8.0mm(Min)
Clearance
: 8.0mm(Min)
Insulation Thickness : 0.5mm(Min)
1: ANODE
2: CATHODE
3: N.C.
4:TERMINAL1
6:TERMINAL2
1
2
3
4
6
PIN CONFIGURATION (TOP VIEW)
Unit: mm
JEDEC
TOSHIBA
11-7A9202
Weight: 0.39 g


Similar Part No. - TLP3051FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP3051 TOSHIBA-TLP3051 Datasheet
224Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3051S TOSHIBA-TLP3051S Datasheet
224Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
More results

Similar Description - TLP3051FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3061F TOSHIBA-TLP3061F_07 Datasheet
97Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041F TOSHIBA-TLP3041F Datasheet
102Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021_07 Datasheet
347Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com