Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP542G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP542G
Description  Programmable Controllers AC.Output Module Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP542G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP542G Datasheet HTML 1Page - Toshiba Semiconductor TLP542G Datasheet HTML 2Page - Toshiba Semiconductor TLP542G Datasheet HTML 3Page - Toshiba Semiconductor TLP542G Datasheet HTML 4Page - Toshiba Semiconductor TLP542G Datasheet HTML 5Page - Toshiba Semiconductor TLP542G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP541G, TLP542G
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TLP541G,TLP542G
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA TLP541G consists of a photo−thyristor optically coupled
to a gallium arsenide infrared emitting diode in a six lead plastic DIP
package.
The TOSHIBA TLP542G consists of a photo−thyristor optically coupled
to a gallium arsenide infrared emitting diode in a seven lead plastic DIP
package.
· Peak off-state voltage: 400 V (min.)
· Trigger LED current: 7 mA (max.)
· On-state current: 150 mA (max.)
· Isolation voltage: 2500 Vrms (min.)
· UL recognized: UL1577, file no. E67349
Pin Configuration (top view)
Unit in mm
TOSHIBA
11−7A8
Weight: 0.4 g
TOSHIBA
11−10C5
Weight: 0.53 g


Similar Part No. - TLP542G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP542G TOSHIBA-TLP542G Datasheet
550Kb / 6P
GaAs Ired & Photo-Thyristor
More results

Similar Description - TLP542G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
Programmable Controllers AC / DC.Input Module Solid State Relay
TLP3902 TOSHIBA-TLP3902 Datasheet
189Kb / 6P
SOLID STATE RELAY PROGRAMMABLE CONTROLLERS
TLP523F TOSHIBA-TLP523F Datasheet
218Kb / 7P
Programmable Controllers DC?뭀utput Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com