Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISRC0280 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # ISRC0280
Description  2 x 2.5 mm Axial Lead LED Lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

ISRC0280 Datasheet(HTML) 1 Page - IDEA.lnc.

  ISRC0280 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise. *reversed polarity
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
L–7
2 x 2.5 mm Axial Lead LED Lamp,
0280, 0280F and 0288F Series
The 0280 series is a subminiature package designed for applications such as PCB indication, switch backlighting, and keyboard illumina-
tion. Extra bright dice are used to obtain high light output with extra wide spatial distribution. The 0280 series is compatible with vapor
phase reflow surface mounting as well as conventional soldering. For high volume applications, the 0280F with formed leads is also
available in tape and reel as the 0288F series for automated equipment. There are no optical or electrical differences between the 0280
and 0288 series.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +100 °C
Lead Soldering Temperature, 1.6 mm from Body
260 °C for 5 sec
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Chip
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
Material
Emitted
Color
λ
Pd
If (mA)
Ir
Vr
Vf (V)
@If=20mA
Iv (mcd)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
Min
Typ
Max
Min
Typ
(Deg)
ISRC0280 GaAlAs
Red
660
20
100
30
200
10
5
1.4
1.7
2.4
11
17
150
IVRC0280
GaAsP/
GaP
Red
640
45
70
25
90
10
5
1.7
2.0
2.8
1.5
3.0
150
IVYC0280
GaAsP/
GaP
Yellow
585
35
70
20
90
10
5
1.7
2.0
2.8
3.5
6.0
150
IVGC0280
GaP
Green
570
30
70
30
90
10
5
1.7
2.1
2.8
1.0
5.5
150
Relative Intensity (%)
010
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
25
50
75
25
50
75
7.0 min
7.0 min
1.1
2.5±.2
Anode
(Cathode for SR)
0.5±.1
0.16
0.4±.1
0.8
1.4
2.0±0.2
0280 Axial Lead
Light Emitting
Surface
0.9 typ
1.1
2.5±.2
Anode
0.8
1.4
0280F Gull Wing
984S-0280


Similar Part No. - ISRC0280

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
ISRC0118 IDEA-ISRC0118 Datasheet
41Kb / 1P
LED LAMPS
ISRC0128 IDEA-ISRC0128 Datasheet
26Kb / 1P
Surface Mount LED
ISRC0158 IDEA-ISRC0158 Datasheet
29Kb / 1P
Surface Mount LED
ISRC0178 IDEA-ISRC0178 Datasheet
34Kb / 1P
miniature lens type designed for surface mounting
ISRC0198 IDEA-ISRC0198 Datasheet
26Kb / 1P
Surface Mount LED
More results

Similar Description - ISRC0280

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JRC0288 IDEA-JRC0288 Datasheet
27Kb / 1P
2 x 2.5 mm Axial Lead LED Lamp J Series
logo
Kingbright Corporation
APB3025SYKCGKC-F01 KINGBRIGHT-APB3025SYKCGKC-F01 Datasheet
307Kb / 4P
3.0 x 2.5 mm Surface Mount LED Lamp
APBL3025SYKCGKC-F01 KINGBRIGHT-APBL3025SYKCGKC-F01 Datasheet
309Kb / 4P
3.0 x 2.5 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APB3025SURKCGKC-F01 TO-GRACE-APB3025SURKCGKC-F01 Datasheet
931Kb / 4P
3.0 x 2.5 mm Surface Mount LED Lamp
APBL3025NSGC-F01 TO-GRACE-APBL3025NSGC-F01 Datasheet
928Kb / 4P
3.0 x 2.5 mm Surface Mount LED Lamp
APB3025SYKCGKC-F01 TO-GRACE-APB3025SYKCGKC-F01 Datasheet
982Kb / 4P
3.0 x 2.5 mm Surface Mount LED Lamp
APB3025SURKQWDF TO-GRACE-APB3025SURKQWDF Datasheet
958Kb / 5P
3.0 x 2.5 mm Surface Mount LED Lamp
KPBL-3025SURKZGC TO-GRACE-KPBL-3025SURKZGC Datasheet
985Kb / 4P
3.0 x 2.5 mm Surface Mount LED Lamp
KPBL-3025SURKCGKC TO-GRACE-KPBL-3025SURKCGKC Datasheet
991Kb / 4P
3.0 x 2.5 mm Surface Mount LED Lamp
KPB-3025SURKCGKC TO-GRACE-KPB-3025SURKCGKC Datasheet
1Mb / 4P
3.0 x 2.5 mm Surface Mount LED Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com