Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59082 Datasheet(PDF) 2 Page - EPCOS

Part # B59082
Description  PTC thermistors for switching applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59082 Datasheet(HTML) 2 Page - EPCOS

  B59082 Datasheet HTML 1Page - EPCOS B59082 Datasheet HTML 2Page - EPCOS B59082 Datasheet HTML 3Page - EPCOS B59082 Datasheet HTML 4Page - EPCOS B59082 Datasheet HTML 5Page - EPCOS B59082 Datasheet HTML 6Page - EPCOS B59082 Datasheet HTML 7Page - EPCOS B59082 Datasheet HTML 8Page - EPCOS B59082 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Applications
Switching PTC thermistor for preheating of
the electrodes in energy-saving lamps
Features
Coated thermistor disk, kinked leads
Long product life: stable performance
throughout at least 30 000 switching cycles
Marked with manufacturer's logo and type
designation
RoHS-compatible
Delivery mode
C1119 cardboard strips; S1082 taped in
AMMO pack
Dimensional drawings
C1119
S1082
Dimensions (mm)
Type
Tref
°C
wmax
hmax
∅d
C1119
80
4.0
7.5
0.5
C1119
120
4.0
7.5
0.5
S1082
80
6.5
10.1
0.6
General technical data
Switching cycles
N
> 30000
Tolerance of RR
∆R
R
±25
%
Frequency
f
≤ 70
kHz
Operating temperature range
(V = 0)
Top
25/+125
°C
Operating temperature range
(V = Vmax)
Top
10/+80
°C
Switching applications
for energy-saving lamps
C1119, S1082
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com