Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59901 Datasheet(PDF) 2 Page - EPCOS

Part # B59901
Description  PTC thermistors as limit temperature sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59901 Datasheet(HTML) 2 Page - EPCOS

  B59901 Datasheet HTML 1Page - EPCOS B59901 Datasheet HTML 2Page - EPCOS B59901 Datasheet HTML 3Page - EPCOS B59901 Datasheet HTML 4Page - EPCOS B59901 Datasheet HTML 5Page - EPCOS B59901 Datasheet HTML 6Page - EPCOS B59901 Datasheet HTML 7Page - EPCOS B59901 Datasheet HTML 8Page - EPCOS B59901 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Applications
Limit temperature sensor
Features
Sensor with epoxy resin coating
Tinned leads
Metal tag for easy mounting
Characteristics for sensing temperatures
Tsense = 90 to 130
°C conform with DIN 44081
Metal tag permits good thermal coupling and
thus short response time
RoHS-compatible
Delivery mode
Cardboard strips in cardboard box
Dimensional drawing
Dimensions in mm
General technical data
Max. operating voltage
(TA = 0 ... 40
°C)
Vmax
30
V DC
Max. measuring voltage
(TA =
25
°C ... T
sense +23 K) Vmeas,max
7.5
V DC
Rated resistance
(VPTC
≤ 2.5 V)
RR
≤ 100
Ω
Insulating test voltage
(between tag and leads)
Vins
500
V AC
Thermal threshold time
ta
< 20
s
Operating temperature range
(V
≤ V
meas,max)
Top
40/ Tsense +23
°C
Operating temperature range
(V = Vmax)
Top
0/+40
°C
Electrical specifications and ordering codes
Tsense
°C
R
(Tsense
5 K)
(VPTC
≤ 2.5 V)
Ω
R
(Tsense + 5 K)
(VPTC
≤ 2.5 V)
Ω
R
(Tsense + 15 K)
(VPTC
≤ 7.5 V)
Ω
R
(Tsense + 23 K)
(VPTC
≤ 2.5 V)
Ω
Stamp
code
Ordering code
60
≤ 570
≥ 570
≥ 10 k
331
B59901D0060A040
70
≤ 570
≥ 570
-
≥ 10 k
341
B59901D0070A040
80
≤ 570
≥ 570
-
≥ 10 k
351
B59901D0080A040
90
≤ 550
≥ 1330
≥ 4 k
-
361
B59901D0090A040
100
≤ 550
≥ 1330
≥ 4 k
-
371
B59901D0100A040
110
≤ 550
≥ 1330
≥ 4 k
-
381
B59901D0110A040
120
≤ 550
≥ 1330
≥ 4 k
-
391
B59901D0120A040
130
≤ 550
≥ 1330
≥ 4 k
-
401
B59901D0130A040
Sensors
Limit temperature sensors, probe assemblies
D901
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com