Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65840F Datasheet(PDF) 2 Page - EPCOS

Part # B65840F
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65840F Datasheet(HTML) 2 Page - EPCOS

  B65840F Datasheet HTML 1Page - EPCOS B65840F Datasheet HTML 2Page - EPCOS B65840F Datasheet HTML 3Page - EPCOS B65840F Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
01/07
Please read Cautions and warnings and
Important notes at the end of this docoment.
SMD coil former with U terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Zenite 7130® [E 41938 (M)], E I DUPONT DE NEMOURS & CO INC
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): 245 °C, 3 s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3): 255 °C, 10 s
permissible soldering temperature for wire-wrap connection on coil former: 400 °C, 1 s
Winding:
see Data Book 2007, chapter Processing notes, 2.1
Sections
AN
mm2
lN
mm
AR value
μΩ
Terminals
Ordering code
1
4.7
18.0
132.9
6
B65840F1106T001
FEP0007-I
Recommended PCB layout
4,5
2,54
2,54
3,8
4,9 max.
9,7±0,2
13,8±0,2
0,2
8,2 _
0,6
3
12
_
7 0,1
Bottom view
B65840
Accessories
EP 7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com