Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYG3393-R2-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LYG3393-R2-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LYG3393-R2-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LYG3393-R2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.0
500
0.0
0.5
Wavelength (nm)
650
550
600
-40
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
0.8
1.0
0.9
1.1
1.2
0.5
-40
60
Ambient Temperature(
℃)
40
20
0
-20
100
80
0.0
Ambient Temperature(
℃)
0
20
40
-20
60
100
80
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
1.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
0.1
10
1.0
1000
G CHIP
1.0
0.5
4.0
Forward Voltage(V)
2.0
3.0
5.0
0.0
1.5
1.0
2.0
100
Forward Current(mA)
10
1000
Fig.2 Relative Intensity vs. Forward Current
2.5
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.5
Page4/6
LYG3393/R2-PF
PART NO.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com