Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2022-2 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS2022-2
Description  10 BASE-T ETHERNET SMD FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS2022-2 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS2022-2 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: Apr-21-2000 Pre.by: PiJunMin Rev:3.0
10 BASE-T ETHERNET SMD FILTER
P/N: FS2022-2: APPLY TO GENERIC IC
A. GENERAL SPECIFICATIONS:
1. DESIGNED FOR 10 BASE-T APPLICATION.
2. FULLY COMTATIBLE WITH IEEE 802.3 STANDARD.
3. 16-PIN SMD LOW PROFILE PACKAGE.
4. OPERATING TEMP RANGE: 0°C TO 70°C.
5. STORAGE TEMP RANGE: -25°C TO +125°C.
B. ELECTRICAL SPECIFICATIONS @ 25°C:
1. TURN RATIO:
TX=1CT:1CT ,RX=1CT:1CT
2. HI-POT:
1500 Vrms
3. CUT-OFF FREQ:
17 MHz +/- 1.5MHz
4. INSERTION LOSS (1-10 MHz): -1.0dB MAX (TX & RX)
5. ATTENUATION 20MHz
25MHz
30MHz
40MHz
TRANSMITTER -7
-18
-28
-33
RECEIVER
-5
-11
-16
-26 (dB MIN)
6. RETURN LOSS:
FREQUENCY
TX
RX
5-10MHz
-15
-15 (dB MIN)
7. DIFFERENTIAL TO COMMON MODE
REJECTION:
FREQUENCY
TX
RX
D.MARKING:
5MHz
-40
-40 (dB MIN)
10MHz
-30
-30
50MHz
-50
-50
100MHz
-45
-45
8. CROSSTALK ATTEN (5-10 MHz): -35 dB (MIN)
C. DIMENSIONS & SCHEMATIC: (unit mm)


Similar Part No. - FS2022-2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2022-2 BOTHHAND-FS2022-2 Datasheet
180Kb / 1P
10 BASE-T ETHERNET SMD FILTER P/N:FS2022-2:APPLY TO GENERIC IC
More results

Similar Description - FS2022-2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2007R BOTHHAND-FS2007R Datasheet
222Kb / 2P
10 BASE-T ETHERNET SMD FILTER
FS2022-1 BOTHHAND-FS2022-1 Datasheet
30Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B-1 BOTHHAND-FS2022B-1 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B-2 BOTHHAND-FS2022B-2 Datasheet
30Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B BOTHHAND-FS2022B Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022C BOTHHAND-FS2022C Datasheet
36Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022 BOTHHAND-FS2022 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B-1 BOTHHAND-FS2022B-1_1 Datasheet
182Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B BOTHHAND-FS2022B_2 Datasheet
183Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022 BOTHHAND-FS2022_1 Datasheet
180Kb / 1P
10 BASE-T ETHERNET SMD FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com