Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2025 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS2025
Description  10 BASE-T LOW PASS FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS2025 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS2025 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
10 BASE-T LOW PASS FILTER
P/N: FS2025 APPLY TO GENERIC IC
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A2(02/06)
Feature
Design for 10 BASE-T application.
16 PIN SMD low profile package.
High isolation voltage.
Operating temperature range: 0°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Type( POLE)
Part
Number
TX
RX
CUT-OFF
Frequency TX/RX
TX
RX
Insulation Resistance
(MΩMin)@500Vac
HI-POT
(Vrms)
FS2025
2CT:1
1CT:1CT
17 MHz ± 1.5MHz
5
7
100
1500
Continue
Insertion Loss
TX/RX
(dB Max)
Return Loss
TX/RX(dB Min)
Attenuation
TX/RX(dB Min)
Cross talk
Attenuation
(dB Min)
Differential To Common
Mode Rejection
TX/RX(dB Min)
Part
Number
1–10MHz
1-10MHz
20MHz
30MHz
40MHz
1-10 MHz
30-100MHz
FS2025
-1.0
-13.5
-5/-6
-10/-20
-16/-31
-30
-30
Schematic
Mechanica
l


Similar Part No. - FS2025

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2025 BOTHHAND-FS2025 Datasheet
30Kb / 1P
ETHERNET SMD FILTER APPLY TO GENERIC IC
More results

Similar Description - FS2025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20LF021C ETC-20LF021C Datasheet
17Kb / 1P
10 BASE T LOW PASS FILTER
logo
Bothhand USA, LP.
FB2021 BOTHHAND-FB2021 Datasheet
40Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022B-3 BOTHHAND-FB2022B-3 Datasheet
43Kb / 1P
10 BASE-T LOW PASS FILTER
FS2024 BOTHHAND-FS2024 Datasheet
29Kb / 1P
10 BASE-T LOW PASS FILTER
FB2028D BOTHHAND-FB2028D Datasheet
254Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER
FS2022B-3M BOTHHAND-FS2022B-3M Datasheet
269Kb / 1P
10 BASE-T LOW PASS FILTER
FS2022B-3 BOTHHAND-FS2022B-3 Datasheet
179Kb / 1P
10 BASE-T LOW PASS FILTER
FS2022B-4 BOTHHAND-FS2022B-4 Datasheet
299Kb / 1P
10 BASE-T LOW PASS FILTER
FS2023BM BOTHHAND-FS2023BM Datasheet
184Kb / 1P
10 BASE-T LOW PASS FILTER APPLY TO GENERIC IC
FS2024 BOTHHAND-FS2024_1 Datasheet
177Kb / 1P
10 BASE-T LOW PASS FILTER APPLY TO GENERIC IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com