Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B64290 Datasheet(PDF) 2 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 2 Page - EPCOS

  B64290 Datasheet HTML 1Page - EPCOS B64290 Datasheet HTML 2Page - EPCOS B64290 Datasheet HTML 3Page - EPCOS B64290 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
10/07
Please read Cautions and warnings and
Important notes at the end of this document.
■ Epoxy coating
R 68.0
× 48.0 × 13.0 (mm)
R 2.677
× 1.890 × 0.512 (inch)
Dimensions
Characteristics and ordering codes
■ Epoxy coating
R 87.0
× 54.3 × 13.5 (mm)
R 3.425
× 2.138 × 0.531 (inch)
Dimensions
Characteristics and ordering codes
1) On request
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
68.0
±1.2
48.0
±1.0
13.0
±0.4
2.677
±0.047 1.890 ±0.039 0.512 ±0.015 uncoated1)
70.0 max.
46.2 min.
14.2 max.
2.756 max.
1.819 min.
0.559 max.
coated
Mate-
rial
AL value
nH
µ
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
Σl/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
1990
±25% 2200
B64290L0696X087
1.39
178.6
128.7
22980
115
N30
3890
±25% 4300
B64290L0696X830
T65
4500
±30% 5000
B64290L0696X065
T37
5000
±25% 5500
B64290L0696X037
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
87.0
±1.5
54.3
±1.1
13.5
±0.3
3.425
±0.059 2.138 ±0.043 0.531 ±0.012 uncoated1)
89.3 max.
52.4 min.
14.8 max.
3.516 max.
2.063 min.
0.583 max.
coated
Mate-
rial
AL value
nH
µ
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
Σl/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2790
±25% 2200
B64290L0730X087
0.99
213.9
216.7
46360
235
N30
5400
±25% 4300
B64290L0730X830
T65
6280
±30% 5000
B64290L0730X065
T37
7000
±25% 5500
B64290L0730X037
B64290L0696
B64290L0730
R 87.0
× 54.3 × 13.5
R 68.0
× 48.0 × 13.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com