Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2D Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ES2D
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ES2D Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  ES2D Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ES2D Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ES2ATHRU ES2G
0.01
0.1
1.0
100
10
0.01
0.1
1
0
20
10
30
60
50
40
 10
 100
0
20
0
40
60
80
100
120
140
1
5
50
10
100
0.2
0.4
0.6
0.8
1.0
1.4
1.2
0
25
50
75
100
125
150
175
0
2.0
1.0
0.5
1.5
3.0
2.5
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
SET TIME BASE FOR 5/10 ns/cm
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE ( C)
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25 C
TJ=100 C
1
0.1
0.5
1
5
2
10
50
20
1cm
-0.25A
0
+0.5A
-1.0A
100
500
1000
200
25
75
100
175
150
50
125
FIG.6-TYPICAL JUNCTION CAPACITANCE
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
TJ=25 C
Single Phase Half Wave 60hz
Resistive or Inductive Load
0.375"(9.5mm) Lead Length
SF201-SF205
SF206
PULSE
GENERATOR
(NOTE2)
NON INDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NON INDUCTIVE
NON IN-
DUCTIVE
50
50Vdc
(APPROX)
10
1
(-)
(+)
Trr
SF201-SF205
SF206
TA=25 C
TA=25 C
Pulse Width=300 s
1% Duty Cycle
NOTES:1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance
=50 ohms
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA   TEL:86-531-6943657  FAX:86-531-6947096  
WWW.JIFUSEMICON.COM
8-15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com