Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65702 Datasheet(PDF) 3 Page - EPCOS

Part # B65702
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65702 Datasheet(HTML) 3 Page - EPCOS

  B65702 Datasheet HTML 1Page - EPCOS B65702 Datasheet HTML 2Page - EPCOS B65702 Datasheet HTML 3Page - EPCOS B65702 Datasheet HTML 4Page - EPCOS B65702 Datasheet HTML 5Page - EPCOS B65702 Datasheet HTML 6Page - EPCOS B65702 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
09/08
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Standard:
to IEC 60133
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Valox 420-SE0®
[E45329 (M)], GE PLASTICS B V
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Insulating washer between core and coil former
■
For tolerance compensation and for insulation
■
Polycarbonate spring washer (UL 94 V-0, insulation class to IEC 60085: E
120 °C), 0.08 mm thick
Aryphan F685,
[E167358 (M)], natural color, LOFO HIGH TECH FILM GMBH
Coil former
Insulating washer
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value
μΩ
1
48
60
46
B65702B0000T001
Insulating washer (reel packing, PU = 1 reel)
B65702A5000X000
FPK0354-Y
A N
0.7
0.2
_
12.8
B65702
Accessories
P 30
s 19



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com