Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N30 Datasheet(PDF) 2 Page - EPCOS

Part # N30
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N30 Datasheet(HTML) 2 Page - EPCOS

  N30 Datasheet HTML 1Page - EPCOS N30 Datasheet HTML 2Page - EPCOS N30 Datasheet HTML 3Page - EPCOS N30 Datasheet HTML 4Page - EPCOS N30 Datasheet HTML 5Page - EPCOS N30 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Material properties
Preferred application
Broadband transformers
Material
N30
Base material
MnZn
Symbol
Unit
Initial permeability
(T = 25 °C)
μ
i
4300
±25%
Meas. field strength
Flux density (near
saturation) (f = 10 kHz)
H
BS (25 °C)
BS (100 °C)
A/m
mT
mT
1200
380
240
Coercive field strength
(f = 10 kHz)
Hc (25 °C)
Hc (100 °C)
A/m
A/m
12
8
Optimum
frequency range
fmin
fmax
MHz
0.01 …
0.40
Relative at fmin
loss factorat fmax
tan
δ/μ
i
10–6
10–6
<2
<60
Hysteresis
material constant
η
B
10–6/mT <1.1
Curie temperature
TC
°C
>130
Relative
temperature coefficient
at 25 … 55 °C
at 5 … 25 °C
α
F
10–6/K
—
—
Mean value of
α
F
at 25 … 55 °C
10–6/K
0.6
Density (typical values)
kg/m3
4900
Disaccommodation
factor at 25 °C
DF
10–6
—
Resistivity
ρΩm0.5
Core shapes
RM, P, EP, E, Toroid,
Double-aperture
N30
SIFERRIT materials



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com