Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T38 Datasheet(PDF) 4 Page - EPCOS

Part # T38
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T38 Datasheet(HTML) 4 Page - EPCOS

  T38 Datasheet HTML 1Page - EPCOS T38 Datasheet HTML 2Page - EPCOS T38 Datasheet HTML 3Page - EPCOS T38 Datasheet HTML 4Page - EPCOS T38 Datasheet HTML 5Page - EPCOS T38 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
T38
SIFERRIT materials
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 25 °C)
FAL0630-X
H
0
B
-100
A/m
50
100
150
200
250
300
350
mT
450
0
100
200
300
500
DC magnetic bias
(measured on RM cores, typical values)
(B
≤0.25 mT, f = 10 kHz, T = 25 °C)
FAL0632-E
µrev
10
10 2
A/m
10
0
1
10 2
3
10
10 4
DC
H
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 100 °C)
FAL0631-6
H
B
-100
A/m
0
100
200
300
500
0
50
100
150
200
250
300
350
mT
450



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com