Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2-18US21 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # M2-18US21
Description  12-18 Watt Switching Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

M2-18US21 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  M2-18US21 Datasheet HTML 1Page - Bothhand USA, LP. M2-18US21 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M2-
ORDERING INFORMATION
Fig.A
Fig.B
Fig.D
Unit: m.m.
- A
1
-
A
Output Plug List
Fig.C
MECHANICAL
Mechanical
Output Voltage
Output Watts
US
15
055
M2-..US..
Standard Output Cable:
5V~7V: 18AWG, UL SPT-1, 1800mm
8V~24V: 20AWG, UL 2468, 1800mm
Bothhandusa.com
M2-.. US.. Series 12-18 Watt Switching Adapter
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com