Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20P18 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST20P18
Description  16K 8-bit Single Chip Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST20P18 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST20P18 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ST20P18
Ver 1.4
2/12
6/13/07
2
2.. G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
ST20P18 is a low-cost, high-performance, fully static, 8-bit
microcontroller designed with CMOS silicon gate
technology. It comes with 8-bit pipeline CPU core, SRAM,
timer, LCD driver, I/O port, PSG, RFC, CGR, OTP program
ROM and built-in dual oscillator. And also, some new
functions have been added in the ST20P18 to enhance the
performance of ST2016 for more system application.
Power bouncing during power-on is a major problem when
designing a reliable system. After the power returns to
normal level, the system may recover its original states and
keeps working correctly. Furthermore, the Power-on Timer
(PWRT) which is designed to provide a fixed delay time,
keep the part in reset for longer after power-up or low-V
reset released. With these two power management, the
system may operate under more stabile power supply.
A highly reliable Watchdog Timer(WDT) with its own low
power internal oscillator which does not require any external
components, provides protection against software lockup.
Moreover, the feature of “WDT reset CPU only” make it
possible to do the rapid system recovery after Watchdog
timer reset. And the option bit is selectable to reset or not in
WAI1 and STP mode for various application.
The Resistor Frequency Converter(RFC) which is also a
new function added in the ST20P18, can compare three
different sensors with the reference resistor separately. With
one independent 16-bits counter, the RFC can count and
stop automatically only if RFC is enabled. This make it easy
for the humidity or thermometric application.
More and more remote control applications are used today.
The ST20P18 also equips a Carrier Wave Generator(CGR)
to support this application with one digital PLL and provide
the standard clock rates output for remote control.
With these integrated functions inside, the ST20P18 single
chip microcontroller is a right solution for business
equipment and consumer applications. Such as watch,
calculator, LCD games, thermometer, hygrometer, IR
remote control and so on. ST20P18 is definitely a perfect
solution for implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com