Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1208 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST1208
Description  3-Channel White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST1208 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST1208 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ST
Sitronix
ST1208
3-Channel White LED Driver
V1.1
1/12
2004/10/27
! Features
"
High Efficiency Operation ( PLEDs / PBATT )
-- Extends battery life
-- Peak efficiency over 88 %
"
1 / 1.5x Fractional Charge Pump Circuits
-- extends voltage operate range
"
Range of LED Driver Power
-- 2.7 to 5.0V
"
Drivability 30 mA/LED with Li-Ion Battery
Operating Range
"
Shutdown Mode Draws Less Than 1 uA
"
Regulated to ± 3 % Output Current Matching
"
Soft-Start Function To Limit Inrush Current
"
Dimming Control by Logic or PWM
"
No external Schottky Diode and Inductor
Required
"
Low Input Ripple and EMI
"
Short Circuit and Over-Temperature Protection
"
2KV ESD Rating
"
Thin QFN ( 4 mm X 4 mm ), Small TSSOP-16L
Packages and Bare Chip
! Ordering Information
Ordering No.
Package
ST1208-Q
QFN-16
ST1208-T
TSSOP-16L
ST1208-B
Bare Chip
! Description
The ST1208 is a versatile change pump designed
for use in battery operated power supply application.
The wide input range is matched for Li-Ion battery
applications.
The ST1208 LED drivers feature a fractional
change
pump
implementation
with
efficiency
comparable to a switching regulator without costly
inductors. Only four tiny ceramic capacitors are
required, and no external inductor is required for
operation
that
provides
a
reduced-EMI
solution.
Proprietary low noise mode switching circuit and
constant output current allow the use of extremely
small input and output capacitor.
The ST1208 contains a thermal management circuit to
protect the device under continuous output short circuit
condition.
! Applications
"
Cellular phones
"
PDAs
"
Portable communication devices
"
LED/Display backlight driver
"
Digital Cameras
"
Handheld Electronics
"
Flash LED driver


Similar Part No. - ST1208

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST120-100L2KI VISHAY-ST120-100L2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-100L2MI VISHAY-ST120-100L2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-25T1KI VISHAY-ST120-25T1KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-25T1MI VISHAY-ST120-25T1MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
More results

Similar Description - ST1208

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
WHITE LED DRIVER
logo
SG Micro Corp
SGM3128 SGMICRO-SGM3128 Datasheet
288Kb / 10P
3-Channel LowDropout Low Side White LED Driver
logo
Skyworks Solutions Inc.
AAT2400 SKYWORKS-AAT2400 Datasheet
2Mb / 32P
Sixteen-Channel White LED Driver Solution
logo
Rohm
BD65D00MUV ROHM-BD65D00MUV Datasheet
985Kb / 40P
4-Channel White LED Driver
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
8-Channel White LED Driver
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
6-Channel White LED Driver
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
4-Channel White LED Driver
logo
Texas Instruments
TLED2043 TI1-TLED2043 Datasheet
209Kb / 15P
4-CHANNEL WHITE LED DRIVER
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com