Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2201U Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST2201U
Description  Integrated Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2201U Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST2201U Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 12Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ST2201U
The above information is the exclusive intellectual property of Sitronix Technology Corp. and shall not be disclosed, distributed or
reproduced without permission from Sitronix. Sitronix Technology Corp. reserves the right to change this document without prior notice
and makes no warranty for any errors which may appear in this document. Sitronix products are not intended for use in life support,
critical care, medical, safety equipment, or similar applications where products failure could result in injury, or loss of life, or personal or
physical harm, or any military or defense application, or any governmental procurement to which special terms or provisions may apply.
Ver 0.4
Page 12/12
2009/08/17
7
REVISION
REVISION
DESCRIPTION
PAGE
DATE
0.1
First release
2006/08/30
0.2
(1) Change Operation Voltage from 4.5V~6.8V
to 5.0V~6.8V.
(2) Change Operation frequency
2
2
2007/10/25
0.3
Feature Change
1
2008/9/17
0.4
Fix error
2
2009/8/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com