Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3003 Datasheet(PDF) 3 Page - Sitronix Technology Co., Ltd.

Part # ST3003
Description  Speech Decoder/Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3003 Datasheet(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST3003 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ST3003
Ver 0.8
3/11
2007-06-12
3
3.. S
SIIG
GN
NA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
NS
S
Table 3-1 Signal Function Description
Function
Group
Pin Name
Pin #
I/O
Description
RESET
1
I
System reset, low active
PWD
1
I
Power down, low active
PWDA
1
O
Power down acknowledge, high active
OSCXI
1
I
Crystal input or R-oscillator input. If not used, it connects to
GND
OSXO
1
O
Crystal output. If not used, it connects to GND
ECLK
1
I
External clock input. If not used, it connects to GND
CMODE[1:0]
2
I
Clock source select
01=Crystal. ECLK connects to GND
1X=ECLK. OSCXI and OSXO connect to GND
System control
TEST[2:0]
3
I
Test mode. TEST[2:0] connect to GND
SO[1:0]/
DPA[7,15]
2
O
SO0/DPA[7], SO1/DPA[15]
Special I/O
CLKO/
DPA[6]
1
O
Clock output/DPA[6]
GPIO
DAP[13,14],
DPB[0:15]
18
I/O
General I/O
External
Interrupt
XREQ/DPA[5]
1
I
External interrupt/DPA[5]
TF0/DPA[0]
1
O
Transmit frame synchronization/DPA[0]
RF0/DPA[1]
1
I
Receive frame synchronization/DPA[1]
TX0/DPA[2]
1
O
Serial data transmit/DPA[2]
RX0/DPA[3]
1
I
Serial data receive/DPA[3]
Serial Port0/
DPA[4:0]
SCLK0/DPA[4]
1
O
Serial clock/DPA[4]
TF1/DPA[8]
1
O
Transmit frame synchronization/DPA[8]
RF1/DPA[9]
1
I
Receive frame synchronization/DPA[9]
TX1/DPA[10]
1
O
Serial data transmit/DPA[10]
RX1/DPA[11]
1
I
Serial data receive/DPA[11]
Serial Port1/
DPA[12:8]
SCLK1/DPA[12]
1
O
Serial clock/DPA[12]
D[0]/SCL
1
I/O
Parallel : Data bus
Serial : Serial clock
D[1]/SDI
1
I/O
Parallel : Data bus
Serial : Serial data input
D[2]/SDO
1
I/O
Parallel : Data bus
Serial : Serial data output
D[3:7]
5
I/O
Parallel : Data bus
Serial : Not used
WR
1
I
Parallel : Write enable, low active
Serial : Not used
RD
1
I
Parallel : Read enable, low active
Serial : Not used
CS
1
I
Parallel : Chip select, low active
Serial : Chip select
CMD
1
I
Parallel : Command/data select
“H”: Data
“L”: Command
Serial : Not used
MCU Interface
REQ
1
O
DSP wants to sent command to MCU, low active



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com