Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3014 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST3014
Description  Audio Decoder/Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3014 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST3014 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ST3014
Ver 0.2
5/14
2007-06-14
VDD25
2
I
2.5V power
VSS25
2
I
2.5V power ground
VDD33
2
I
3.3V power
VSS33
2
I
3.3V power ground
REGVDD33
1
I
Digital power input of regulator
REGVSS33
1
I
Digital power ground of regulator
PLLVDD25
1
I
Digital power input of PLL
PLLVSS25
1
I
Digital power ground of PLL
PLLVDD25A
1
I
Analog power input of PLL
PLLVSS25A
1
I
Analog power ground of PLL
DACVDD33A
1
I
Analog power input of DAC
DACVSS33A
1
I
Analog power ground of DAC
DACOVDD33A
2
I
Analog power input of DAC output stage
Power
DACOVSS33A
2
I
Analog power ground of DAC output stage
VCCOUT
1
O
2.5V output of regulator
Regulator
VREF
1
O
Voltage reference
DACO
2
O
DAC direct drive pin(+)
DACOB
2
O
DAC direct drive pin(-)
DAC
VCM
1
O
Common mode voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com