Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7032 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
ST7032
V1.4
2008/08/18
22/61
l
Display ON/OFF
Control display/cursor/blink ON/OFF 1 bit register.
Ø
D : Display ON/OFF control bit
When D = "High", entire display is turned on.
When D = "Low", display is turned off, but display data is remained in DDRAM.
Ø
C : Cursor ON/OFF control bit
When C = "High", cursor is turned on.
When C = "Low", cursor is disappeared in current display, but I/D register remains its data.
Ø
B : Cursor Blink ON/OFF control bit
When B = "High", cursor blink is on, that performs alternate between all the high data and display
character at the cursor position.
When B = "Low", blink is off.
l
Cursor or Display Shift
Ø
S/C: Screen/Cursor select bit
When S/C=
”High”, Screen is controlled by R/L bit.
When S/C=
”Low”, Cursor is controlled by R/L bit.
Ø
R/L: Right/Left
When R/L=
”High”, set direction to right.
When R/L=
”Low”, set direction to left.
Without writing or reading of display data, shift right/left cursor position or display. This instruction is used to
correct or search display data. During 2-line mode display, cursor moves to the 2nd line after 40th digit of 1st
line. Note that display shift is performed simultaneously in all the line. When displayed data is shifted
repeatedly, each line shifted individually. When display shift is performed, the contents of address counter are
not changed.
S/C
R/L
Description
AC Value
L
L
Shift cursor to the left
AC=AC-1
L
H
Shift cursor to the right
AC=AC+1
H
L
Shift display to the left. Cursor follows the display shift
AC=AC
H
H
Shift display to the right. Cursor follows the display shift AC=AC
Every
64 frames
Alternating
display
Cursor
0
0
0
0
0
0
D
1
B
C
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1
0
0
0
0
1
0
R/L
S/C
X
X
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com