Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7522 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7522
Description  17 x 96 Dot Matrix LCD Controller/Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7522 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7522 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
ST7522
Ver 1.0c
30/45
2002/07/10
The V5 level be generate by OPAmp with VDD-Vcap3 power supply, so that V5 level must to be smaller than Vcap3 over –0.5V.
Fine adjustment must to used EC[5:0] adjust of Electronic contrast set command.
Coarse adjustment must to used jvref[1:0] adjust of Follower input voltage set command.
For V5 voltage level setup formula:
(follower must on of power control command)
(used follower input voltage set and amplified ratio command)
Jvref[1,0]
[1,1]
[1,0]
[0,1]
[0,0]
Rvref
200K
400K
(default)
600K
800K
Rarb2
Rarb1
Rarb0 V5 amplified ratio
0
0
0
2
0
0
1
2.5
0
1
0
3
0
1
1
3.5
1
0
0
4
1
0
1
4.5
1
1
0
5(default)
1
1
1
5.5
0
1
2
3
4
5
6
7
Contrast[5,0]
V5
V4
V3
V2
V1
Test condition:
1.
VDD=3.0V
2.
Booster/Follower=Default set
3.
Bias=1/6
4.
Only master chip
RaRb[2:0]
VDD
Vcap3
VDD
VSS
Electric volumn EC[5:0]
Reference voltage jvref[1:0]
VDD
V5
F
(power control command)
Vref
[3FH-EC volume] x 20KΩ=REC
The value of Vref is not allowed to be lower than
1.2V within the contrast adjustment range.
Rvref
1M+REC
[] x V5 amp ratio x (VSS-VDD)=V5(±5% range)
Rvref
1M+REC
[] x (VSS-VDD) =Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com