Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7530 Datasheet(PDF) 59 Page - Sitronix Technology Co., Ltd.

Part # ST7530
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7530 Datasheet(HTML) 59 Page - Sitronix Technology Co., Ltd.

Back Button ST7530 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
ST7530
Ver 1.8
59/100
2006/9/18
8.2 Referential Instruction Setup Flow
8.2.1 EEPROM Setting Flow
The ST7530 provide the Write and Read function to write the Electronic Control value into and read them from the built-in
EEPROM. Using the Write and Read functions, you can store these values appropriate to each LCD panel. This function is
very convenient for user in setting from some different panel’s voltage. But using this function must attention the setting
procedure. Please see the following diagram.
Note: When “
Writing” value to EEPROM, the voltage of VOUTIN must be more than 18V.
Figure 8.2.1.1 Flow of EC value adjustment and writing into EEPROM
Increase or decrease EC value
( command D6H or D7H )
( get the V0 value you need )
Close Extension mode
(command 30H)
Turn off the power
Wait for 100ms
Turn on the power
Check the EC value
Make sure the Action:
End of Initialization Flow
Initial Code(1)
OSC On
Power Control On
EC Value Adjustment Flow
Open Extension mode
(command 31H)
Display Off
(command AEH)
Initial Code(1)
(command 07H)
(parameter 19H)
Enable EEPROM
(command CDH)
(parameter 20H)
Wait for 100ms
Write into EEPROM
(command FCH)
Wait for 100ms
Disable EEPROM
(command CCH)
Close Extension mode
(command 30H)
Display On
(command AFH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com