Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSO8000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # MSO8000
Description  FPGA Dynamic Probe for Xilinx
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSO8000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  MSO8000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FPGA dynamic probe lets you:
View internal activity – With the
digital channels on your MSO, you
are normally limited to measuring
signals at the periphery of the
FPGA. With the FPGA dynamic
probe, you can now access signals
internal to the FPGA. You can
measure up to 256 internal
signals for each external pin
dedicated to debug, unlocking
visibility into your design that
you never had before.
Make multiple measurements in
seconds – Moving probe points
internal to an FPGA used to be
time consuming. Now, in less than
a second, you can easily measure
different sets of internal signals
without design changes. FPGA
timing stays constant when you
select new sets of internal signals
for probing.
Leverage the work you did in your
design environment – The FPGA
dynamic probe maps internal
signal names from your FPGA
design tool to your Agilent MSO.
Eliminate unintentional mistakes
and save hours of time with this
automatic setup of signal and bus
names on your MSO.
Board
JTAG
Altera programming hardware
Parallel
or USB
FPGA
Probe outputs
on FPGA pins
SW application supported
by all Infiniium MSOs.
LAI
Figure 2. The FPGA dynamic probe requires Altera’s Quartus II design software
with its LAI (logic analyzer interface) and Altera programming hardware setup.
The Quartus II (ver. 6.0 or higher) LAI allows you to create and insert a debug core
that interacts with the FPGA dynamic probe application on your MSO. The FPGA
dynamic probe controls which group of internal signals to measure via the Altera
programming hardware connected to the JTAG port of the FPGA.
To FPGA pins
1-256
1-256
1-256
1-256
JTAG
1-256
Change signal bank
selection via JTAG
Figure 3: Access up to 256 internal signals for each debug pin. Signal banks
all have identical width (1 to 256 signals wide) determined by the number
of device pins you devote for debug. MSO8000 series can acquire up to 16
signals using digital channels. Each pin provides sequential access to one
signal from every input bank.
Debug your FPGAs faster and more effectively with a MSO
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com