Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7541 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
ST7541
Ver 1.9
49/78
2007/9/3
Set Display Data Length (3-Line SPI Mode)
Consists of 2 bytes instruction.
This command is used in 3-Line SPI mode only(PS0 = ”L” and PS1 = ”L” ). It will be two continuous commands, the first byte
control the data direction(write mode only) and inform the LCD driver the second byte will be number of data bytes will be
write. When A0 is not used, the Display Data Length instruction is used to indicate that a specified number of display data
bytes are to be transmitted. The next byte after the display data string is handled as command data.
The 1
st Instruction: Set Data Direction (Only Write Mode)
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
X
x
1
1
1
0
1
0
0
0
The 2
nd Instruction: Set Display Data Length (DDL) Register
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
x
x
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Display Data Length
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
1
0
3
:
:
:
:
:
:
:
:
:
1
1
1
1
1
1
0
1
254
1
1
1
1
1
1
1
0
255
1
1
1
1
1
1
1
1
256
Set PWM & FRC mode
Selects 3/4 FRC and 9 / 12 / 15 PWM
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
0
1
0
FRC
PWM1
PWM0
FRC
PWM1
PWM0
Status of PWM & FRC
0
1
–
–
4FRC
3FRC
–
0
1
1
0 or 1
0
1
9PWM
12PWM
15PWM
NOP
No operation
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
1
1
0
0
0
1
1
Test Instruction
This instruction is for testing IC. Please do not use it.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
1
1
1
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com