Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7568 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7568
Description  68 x 102 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7568 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7568 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
ST7568
Ver 2.2
17/73
2008/01/04
IMS=
” L “, P/S=” L “:I
2C Interface
The I
2C interface send RAM data and executes the commands sent via the I2C Interface. It could send data it to the RAM.
The I
2C Interface is two-line communication between different ICs or modules. The two lines are a Serial Data line (SDA)
and a Serial Clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor. Data transfer may be
initiated only when the bus is not busy.
BIT TRANSFER
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of
the clock pulse because changes in the data line at this time will be interpreted as a control signal. Bit transfer is illustrated
in Fig.3.
START AND STOP CONDITIONS
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock
is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined
as the STOP condition (P). The START and STOP conditions are illustrated in Fig.4.
SYSTEM CONFIGURATION
The system configuration is illustrated in Fig.5.
· Transmitter: the device, which sends the data to the bus
· Master: the device, which initiates a transfer, generates clock signals and terminates a transfer
· Slave: the device addressed by a master
· Multi-Master: more than one master can attempt to control the bus at the same time without corrupting the message
· Arbitration: procedure to ensure that, if more than one master simultaneously tries to control the bus, only one is allowed
to do so and the message is not corrupted
· Synchronization: procedure to synchronize the clock signals of two or more devices.
ACKNOWLEDGE
Each byte of eight bits is followed by an acknowledge bit. The acknowledge bit is a HIGH signal put on the bus by the
transmitter during which time the master generates an extra acknowledge related clock pulse. A slave receiver which is
addressed must generate an acknowledge after the reception of each byte. A master receiver must also generate an
acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that
acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during
the HIGH period of the acknowledge related clock pulse (set-up and hold times must be taken into consideration). A master
receiver must signal an end-of-data to the transmitter by not generating an acknowledge on the last byte that has been
clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a
STOP condition. Acknowledgement on the I
2C Interface is illustrated in Fig.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com