Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7624 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7624
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7624 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7624 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
ST7624
Ver 1.8
2/98
2006/08/15
001 com0/com0
X
Y
(0,0)
052 com51/com102
053 seg311
364 seg0
365 com52/com103
416 com103/com1
540 CAP1N
538 CAP4P
535 CAP2N
476 VDD
475 VSS
484 D15
483 D14
482 D13
481 D12
480 D11
479 D10
478 D9
477 D8
461 VSS
460 CLS
459 CL
457 VREF
456 VR
455 V4
454 V3
453 V2
452 V1
443 NC
417 NC
551 VOUT OUT
545 VOUT IN
501 VDD
505 VDD1
520 VDD4
529 VDD5
544 CAP1P
543 CAP1N
542 CAP3P
537 CAP2N
534 CAP2P
533 TCAP
541 CAP5P
539 CAP7P
536 CAP6P
532 VDD5
444 V0IN
447 V0IN
448 V0OUT
451 V0OUT
458 VDD
474 D7
473 D6
472 D5
471 D4
470 D3
469 D2
468 D1
467 D0
462 VDD
463 A0P
464 RW_WR
465 VSS
466 VDD
486 VDD
485 VSS
487 E_RD
488 RST
489 VSS
490 VDD
491 CSEL
492 INTRS
504 VDD
506 VSS
519 VSS
521 VDD3
522 VDD3
523 VDD2
528 VDD2
500 XCS
499 SCL
498 SI
497 VDD
496 VSS
495 IF3
494 IF2
493 IF1
002 com1/com2
003 com2/com4
051 com50/com100
366 com53/com101
367 com54/com99
415 com102/com3
550 VOUT IN
556 VOUT OUT
Chip Size: 17,390 um x1,544 um
l
Bump Pitch:
PAD NO 1 ~ 416: 40 um (COM/SEG)
PAD NO 417~443: 175um(NC)
PAD NO 444 ~ 556:110 um (I/O)
l
Bump size:
PAD NO.1~416: 25(x)um X 96(y)um
PAD No. 417~443: 158(x)um X 23(y)um
PAD N0. 444~556: 90(x)um X 40(y)um
l
Bump Height: 17 um
l
Chip Thickness: 635um
90
40
Bump size of
PAD 444 ~ 556
unit: um
Bump size of
PAD 1~416
unit: um
25
96
23
158
Bump size of
PAD 417~443
unit: um
40
40
61.75
unit: um
90
(680,-330)
25
unit: um
(-8550,-600)
45
60
30
30
75
unit: um
(7000,-275)
45
60
30
30
75
15
15
20
20
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com