Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7637 Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 210 page
background image
ST7637
Ver 1.6
72/210
2009/03
9.1.2.
SWRESET: Software Reset (01h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
SWRESET
0
1
0
0
0
0
0
0
0
0
1
(01h)
Parameter
No Parameter
Description
When the Software Reset command is written, it causes a software reset. It resets the
commands and parameters to their S/W Reset default values and all segment &
common outputs are set to Vm (display off: blank display). (See default tables in each
command description)
Note: The Frame Memory contents are not affected by this command.
Restriction
It will be necessary to wait 5msec before sending new command following software
reset. The display module loads all display suppliers’ factory default values to the
registers during 5msec. If Software Reset is applied during Sleep Out mode, it will be
necessary to wait 120msec before sending Sleep Out command.
Software Reset command cannot be sent during Sleep Out sequence.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
N/A
S/W Reset
N/A
H/W Reset
N/A
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com