Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7689 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7689
Description  128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7689 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7689 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 195 page
background image
ST7689
Version 1.0
Page 30 of 195
2009/10
Figure 3
Parallel Data Transfer Example Chart
Relation between Data Bus and Gradation Data
ST7689 offers 256 color display, 4096 color display, 65K color display, and 262K color display. When using 256 colors,
4096, 65K, and 262K display; you can specify color for each of R, G, and B using the palette function. Use the command
for switching between these modes.
(1) 256 color input mode
8-bit interface
D7, D6, D5, D4, D3, D2, D1, D0: RRRGGGBB
1st -write
There is only 1 write operation for 1 pixel data.
1 pixel data is written in the display data RAM when 1st -write operation finishes.
(2) 4096-color display
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: RRRRGGGG
1st-write
D7, D6, D5, D4, D3, D2, D1, D0: BBBBRRRR
2nd-write
D7, D6, D5, D4, D3, D2, D1, D0: GGGGBBBB
3rd-write
There are 3 write operations for 2 pixel data.
1st pixel data is written in the display data RAM when 2nd –write operation finishes, and 2nd pixel data is written in the
display data RAM when 3rd–write operation finishes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com