Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7735 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST7735 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 166 page
background image
ST7735
V1.7
5
2009-12-04
4
Pad Center Coordinates
No.
PAD Name
X
Y
No.
PAD Name
X
Y
No.
PAD Name
X
Y
1
DUMMY
-4750
-231
51
VDD
-2250
-231
101
DGND
550
-231
2
VDDIO
-4700
-231
52
VDD
-2200
-231
102
DGND
600
-231
3
EXTC
-4650
-231
53
VDD
-2150
-231
103
VDDI
650
-231
4
DGNDO
-4600
-231
54
VDD
-2100
-231
104
VDDI
700
-231
5
IM0
-4550
-231
55
VDD
-2050
-231
105
VDDI
750
-231
6
VDDIO
-4500
-231
56
VDD
-2000
-231
106
VDDI
800
-231
7
IM1
-4450
-231
57
AGND
-1950
-231
107
VDDI
850
-231
8
DGNDO
-4400
-231
58
AGND
-1900
-231
108
VDDI
900
-231
9
DUMMY
-4350
-231
59
AGND
-1850
-231
109
VCC
950
-231
10
VDDIO
-4300
-231
60
AGND
-1800
-231
110
VCC
1000
-231
11
TPI[1]
-4250
-231
61
AGND
-1750
-231
111
VCCO
1050
-231
12
DGNDO
-4200
-231
62
AGND
-1700
-231
112
VCI1
1100
-231
13
TPI[2]
-4150
-231
63
RDX
-1630
-231
113
VCI1
1150
-231
14
VDDIO
-4100
-231
64
D/CX
-1570
-231
114
VCI1
1200
-231
15
SRGB
-4050
-231
65
TESEL
-1510
-231
115
VREF
1250
-231
16
DGNDO
-4000
-231
66
DGNDO
-1450
-231
116
VREF
1300
-231
17
SMX
-3950
-231
67
D17
-1390
-231
117
VREF
1350
-231
18
VDDIO
-3900
-231
68
D16
-1330
-231
118
DUMMY
1400
-231
19
SMY
-3850
-231
69
D15
-1270
-231
119
DUMMY
1450
-231
20
DGNDO
-3800
-231
70
D14
-1210
-231
120
AVDD
1500
-231
21
DUMMY
-3750
-231
71
D13
-1150
-231
121
AVDD
1550
-231
22
VDDIO
-3700
-231
72
D12
-1090
-231
122
AVDD
1600
-231
23
DUMMY
-3650
-231
73
D11
-1030
-231
123
AVDDO
1650
-231
24
DGNDO
-3600
-231
74
D10
-970
-231
124
AVDDO
1700
-231
25
DUMMY
-3550
-231
75
D9
-910
-231
125
GVDD
1750
-231
26
VDDIO
-3500
-231
76
D8
-850
-231
126
GVDD
1800
-231
27
DUMMY
-3450
-231
77
D1
-790
-231
127
GVDD
1850
-231
28
DGNDO
-3400
-231
78
D3
-730
-231
128
DUMMY
1900
-231
29
DUMMY
-3350
-231
79
D5
-670
-231
129
DUMMY
1950
-231
30
VDDIO
-3300
-231
80
D7
-610
-231
130
C11P
2000
-231
31
LCM
-3250
-231
81
TE
-550
-231
131
C11P
2050
-231
32
DGNDO
-3200
-231
82
RESX
-490
-231
132
C11P
2100
-231
33
DUMMY
-3150
-231
83
CSX
-430
-231
133
C11P
2150
-231
34
VDDIO
-3100
-231
84
D6
-370
-231
134
C11N
2200
-231
35
GM2
-3050
-231
85
D4
-310
-231
135
C11N
2250
-231
36
DGNDO
-3000
-231
86
D2
-250
-231
136
C11N
2300
-231
37
GM1
-2950
-231
87
IM2
-190
-231
137
C11N
2350
-231
38
VDDIO
-2900
-231
88
D0
-130
-231
138
C12P
2400
-231
39
GM0
-2850
-231
89
WRX
-70
-231
139
C12P
2450
-231
40
DGNDO
-2800
-231
90
DUMMY
0
-231
140
C12P
2500
-231
41
DUMMY
-2750
-231
91
DUMMY
50
-231
141
C12P
2550
-231
42
GS
-2700
-231
92
DUMMY
100
-231
142
C12N
2600
-231
43
SPI4W
-2650
-231
93
DUMMY
150
-231
143
C12N
2650
-231
44
VDDIO
-2600
-231
94
TPO[3]
200
-231
144
C12N
2700
-231
45
TPO[8]
-2550
-231
95
TPO[2]
250
-231
145
C12N
2750
-231
46
TPO[7]
-2500
-231
96
TPO[1]
300
-231
146
AGND
2800
-231
47
TPO[6]
-2450
-231
97
DGND
350
-231
147
AGND
2850
-231
48
TPO[5]
-2400
-231
98
DGND
400
-231
148
AGND
2900
-231
49
TPO[4]
-2350
-231
99
DGND
450
-231
149
VCL
2950
-231
50
OSC
-2300
-231
100
DGND
500
-231
150
VCL
3000
-231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com