Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7921 Datasheet(PDF) 7 Page - Sitronix Technology Co., Ltd.

Part # ST7921
Description  96CH Segment Driver For Dot Matrix LCD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7921 Datasheet(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST7921 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 11Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ST7921
Ver 1.6
7/11
2005/05/24
Functional Description :
Clock
The CL1 is the clock to latch data on the falling edge. It latches the data input from the bi-directional
shift register at the falling edge of CL1 and transfers its outputs to the LCD driver circuit. The CL2 is
the clock to shift data on the falling edge. It shifts the serial data at the falling of CL2 and transfers
the output of each bit of the register to the latch circuit.
Shift Registers And Data I/O
The ST7921 supplies two sets of 48-bit shift register, which controls the shift direction by SHL1 &
SHL2. The SHL1 controls the 1st 48-bit shift register, and SHL2 controls the 2nd 48-bit shift register.
When SHL1 is connected to VDD, the 1st shift direction is from S48 to S1; when SHL1 is connected
to VSS, the shift direction changes from S1 to S48. When SHL2 is connected to VDD, the 2nd shift
direction is from S96 to S49; when SHL2 is connected to VSS, the shift direction changes from S49
to S96.
The DL1, DR1, DL2, DR2 are data input or output option function.
Shift Direction of Channel 1
SHL1
Shift Direction
DL1
DR1
0
S1
S48
IN
OUT
1
S48
S1
OUT
IN
Shift Direction of Channel 2
SHL2
Shift Direction
DL2
DR2
0
S49
S96
IN
OUT
1
S96
S49
OUT
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com