Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB2012GK151 Datasheet(PDF) 12 Page - SAMWHA ELECTRIC

Part # CB2012GK151
Description  BEADS, For Signal Line
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB2012GK151 Datasheet(HTML) 12 Page - SAMWHA ELECTRIC

Back Button CB2012GK151 Datasheet HTML 8Page - SAMWHA ELECTRIC CB2012GK151 Datasheet HTML 9Page - SAMWHA ELECTRIC CB2012GK151 Datasheet HTML 10Page - SAMWHA ELECTRIC CB2012GK151 Datasheet HTML 11Page - SAMWHA ELECTRIC CB2012GK151 Datasheet HTML 12Page - SAMWHA ELECTRIC CB2012GK151 Datasheet HTML 13Page - SAMWHA ELECTRIC CB2012GK151 Datasheet HTML 14Page - SAMWHA ELECTRIC CB2012GK151 Datasheet HTML 15Page - SAMWHA ELECTRIC CB2012GK151 Datasheet HTML 16Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v 2012 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
※
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
300
0.15
40
CB2012GV400
300
0.25
600
CB2012GM601
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
300
0.12
220
CB2012GM221
300
0.15
300
CB2012GM301
300
0.25
450
CB2012GM451
300
0.30
1000
CB2012GM102
300
0.20
120
CB2012GV121
500
0.05
8
CB2012GV080
300
0.12
150
CB2012GM151
300
0.10
120
CB2012GM121
300
0.08
80
CB2012GM800
300
0.08
60
CB2012GM600
500
0.05
30
CB2012GM300
500
0.03
5
CB2012GM050
700
0.10
60
CB2012GJ600
100
700
0.10
30
CB2012GJ300
DPS-081104
CHIP BEADS, For Signal Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com