Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACP-1010MB Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ACP-1010MB
Description  Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-1010MB Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ACP-1010MB Datasheet HTML 1Page - Advantech Co., Ltd. ACP-1010MB Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
Power Supply
Part Name
Specifications
Watts
Input
Output
Mini-load
Safety
MTBF
BP: 1757001797
MB: 1757001457
(ATX, PFC)
250 W
AC 100 ~ 240 V
(full-range)
+5 V @ 23 A, +3.3 V @ 14 A
+12 V @ 16 A, -12 V @ 0.5 A
-5 V @ 0.2 A, +5 Vsb @ 2 A
+5 V @ 3 A, +12 V @ 2 A
-5 V @ 0 A, -12 V @ 0.1 A
+3.3 V @ 1 A, +5 Vsb @ 0.1 A
CE/UL/TUV/CB/CCC
114,000 hours @ 25° C
BP: 1757000160G
MB: 1757000263
(ATX, PFC)
300 W
AC 100 ~ 240 V
(full-range)
+5 V @ 25 A, +3.3 V @ 14 A
+12 V @ 16 A, -12 V @ 1 A
-5 V @ 0.5 A, +5 Vsb @ 2 A
+5 V @ 3 A, +12 V @ 2 A
-5 V @ 0.05 A, -12 V @ 0.05 A
+3.3 V @ 1 A, +5 Vsb @ 0.1 A
CE/UL/TUV/CB/CCC
100,000 hours @ 25° C
Accessories
Part Name
Description
1960013266T000
Passive cooler for P4 LGA 775 processor up to 84 W
1750000242
Cooler for P4 socket 478 processor up to 61 W
96SDVR-8X-ST-SN-B
Black slim SATA 8X DVD-RW ROM
96CB-SATAPOWER-6P SATA power wire 6-pin to big 4-pin
96FDD-144-TE-B1
Black 3.5" FDD
Riser Card Options
Part Name
Interface
Expansion Slot Motherboard
AIMB-R4104-01A1E
PCIe x4
One PCIe x4
AIMB-762/764/554/
556
AIMB-RP10P-01A1E
PCI
One PCI
AIMB-742/744/750/
766/552/560
Ordering Information
Model Name
Power Supply
Backplane /
Motherboard
Regulation
ACP-1010BP-00XE
-
-
-
ACP-1010BP-30ZE
1757000160G
-
CE
ACP-1010MB0-00XE
-
-
-
ACP-1010MB0-30ZE
1757000263
-
CE
*ACP-1010MB does not support AIMB-763, 542, 562, 564 and 566 (with DVI port)
because the height of the audio connector is over 1U.
Backplane Options
Part Name
Slot
CPU Card
PICMG 1.3
PCE-5B03V-01A1E
one CPU, one PCIe x 16, one PCI
(32-bit/33 MHz)
PCE-5124/5130
PCE-5B03V-00A1E
one CPU, one PCIe x 16, one PCIe x 4
PICMG 1.0
PCA-6103P2V-0A2E
one CPU, 2 PCI (32-bit/33 MHz)
PCA-6010/6194
ACP-1010/1010MB
31.8 [1.25]
504.0 [19.84]
31.8 [1.25]
42.8 [1.69]
497.0 [19.57]
92.1
[3.63]
92.1
[3.63]
92.1
[3.63]
92.1
[3.63]
82.0
[3.23]
42.8 [1.69]
92.1
[3.63]
92.1
[3.63]
92.1
[3.63]
92.1
[3.63]
82.0
[3.23]
504.0 [19.84]
497.0 [19.57]
POWER SUPPLY
ACP-1010MB
ACP-1010BP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com