Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008CS Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1008CS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008CS Datasheet(HTML) 2 Page - Coilcraft lnc.

  1008CS Datasheet HTML 1Page - Coilcraft lnc. 1008CS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
1008CS Series (2520)
Specifications subject to change without notice.
Please check our website for latest information.
Document 101-2
Document 101-2
Revised 10/06/08
Inductance2
Percent
SRF min5
DCR max6
Irms7
Part number1
(nH)
tolerance3
Q min4
(MHz)
(Ohms)
(mA)
1008CS-100X_L_
10 @ 50 MHz
5,2
50 @ 500 MHz
4100
0.08
1000
1008CS-120X_L_
12 @ 50 MHz
5,2
50 @ 500 MHz
3300
0.09
1000
1008CS-150X_L_
15 @ 50 MHz
5,2
50 @ 500 MHz
2500
0.10
1000
1008CS-180X_L_
18 @ 50 MHz
5,2
50 @ 350 MHz
2500
0.11
1000
1008CS-220X_L_
22 @ 50 MHz
5,2,1
55 @ 350 MHz
2400
0.12
1000
1008CS-270X_L_
27 @ 50 MHz
5,2
55 @ 350 MHz
1600
0.13
1000
1008CS-330X_L_
33 @ 50 MHz
5,2
60 @ 350 MHz
1600
0.14
1000
1008CS-390X_L_
39 @ 50 MHz
5,2
60 @ 350 MHz
1500
0.15
1000
1008CS-470X_L_
47 @ 50 MHz
5,2,1
65 @ 350 MHz
1500
0.16
1000
1008CS-560X_L_
56 @ 50 MHz
5,2,1
65 @ 350 MHz
1300
0.18
1000
1008CS-680X_L_
68 @ 50 MHz
5,2,1
65 @ 350 MHz
1300
0.20
1000
1008CS-820X_L_
82 @ 50 MHz
5,2,1
60 @ 350 MHz
1000
0.22
1000
1008CS-101X_L_
100 @ 25 MHz
5,2,1
60 @ 350 MHz
1000
0.56
650
1008CS-121X_L_
120 @ 25 MHz
5,2,1
60 @ 350 MHz
950
0.63
650
1008CS-151X_L_
150 @ 25 MHz
5,2,1
45 @ 100 MHz
850
0.70
580
1008CS-181X_L_
180 @ 25 MHz
5,2,1
45 @ 100 MHz
750
0.77
620
1008CS-221X_L_
220 @ 25 MHz
5,2,1
45 @ 100 MHz
700
0.84
500
1008CS-271X_L_
270 @ 25 MHz
5,2,1
45 @ 100 MHz
600
0.91
500
1008CS-331X_L_
330 @ 25 MHz
5,2,1
45 @ 100 MHz
570
1.05
450
1008CS-391X_L_
390 @ 25 MHz
5,2,1
45 @ 100 MHz
500
1.12
470
1008CS-471X_L_
470 @ 25 MHz
5,2,1
45 @ 100 MHz
450
1.19
470
1008CS-561X_L_
560 @ 25 MHz
5,2,1
45 @ 100 MHz
415
1.33
400
1008CS-621X_L_
620 @ 25 MHz
5,2,1
45 @ 100 MHz
375
1.40
300
1008CS-681X_L_
680 @ 25 MHz
5,2,1
45 @ 100 MHz
375
1.47
400
1008CS-751X_L_
750 @ 25 MHz
5,2,1
45 @ 100 MHz
360
1.54
360
1008CS-821X_L_
820 @ 25 MHz
5,2,1
45 @ 100 MHz
350
1.61
400
1008CS-911X_L_
910 @ 25 MHz
5,2,1
35 @ 50 MHz
320
1.68
380
1008CS-102X_L_
1000 @ 25 MHz
5,2,1
35 @ 50 MHz
290
1.75
370
1008CS-122X_L_
1200 @ 7.9 MHz
5,2
35 @ 50 MHz
250
2.0
310
1008CS-152X_L_
1500 @ 7.9 MHz
5,2
28 @ 50 MHz
200
2.3
330
1008CS-182X_L_
1800 @ 7.9 MHz
5,2
28 @ 50 MHz
160
2.6
300
1008CS-222X_L_
2200 @ 7.9 MHz
5,2
28 @ 50 MHz
160
2.8
280
1008CS-272X_L_
2700 @ 7.9 MHz
5,2
22 @ 25 MHz
140
3.2
290
1008CS-332X_L_
3300 @ 7.9 MHz
5,2
22 @ 25 MHz
110
3.4
290
1008CS-392X_L_
3900 @ 7.9 MHz
5,2
20 @ 25 MHz
100
3.6
260
1008CS-472X_L_
4700 @ 7.9 MHz
5,2
20 @ 25 MHz
90
4.0
260
1008CS-562XJL_
5600 @ 7.9 MHz
5
16 @ 7.9 MHz
20
4.0
240
1008CS-682XJL_
6800 @ 7.9 MHz
5
18 @ 7.9 MHz
40
4.9
200
1008CS-822XJL_
8200 @ 7.9 MHz
5
18 @ 7.9 MHz
25
6.0
170
1. When ordering, specify tolerance, termination and packaging codes:
1008CS-472X
JLC
Tolerance:
F =1% G = 2% J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 per full reel).
B = Less than full reel. In tape, but not machine-ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape.
Factory order only, not stocked (7500 per full reel).
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP
4286A impedance analyzer with Coilcraft-provided correlation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
5. SRF measured using an Aglilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a Cambridge Technology micro-ohmmeter and a
Coilcraft CCF840 test fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com