Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4513TC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 4513TC
Description  RFID Transponder Coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

4513TC Datasheet(HTML) 2 Page - Coilcraft lnc.

  4513TC Datasheet HTML 1Page - Coilcraft lnc. 4513TC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 450-2
Document 450-2
Revised 10/29/08
RFID Transponder Coils – 4513TC
Dimensions
Typical L vs Frequency
0.03
0,76
0.337
8,55
0.315
8,0
0.051
1,3
0.126
3,2
Recommended
Land Pattern
XXX
0.461
11,70
max
0.138
3,50
max
0.102
2,60
max
Weight:
280 – 335 mg
Terminations:
Gold over nickel over phos bronze
Tape and reel:
2500/13
″ reel 24 mm tape width
For packaging data see Tape and Reel Specifications section.
0
1
2
3
4
5
6
7
8
9
10
0.01
0.1
10
1
Frequency (MHz)
4.9 mH
7.2 mH
1.0 mH
0.40 mH
2.38 mH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com