Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43305 Datasheet(PDF) 2 Page - EPCOS

Part # B43305
Description  Aluminum electrolytic capacitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43305 Datasheet(HTML) 2 Page - EPCOS

  B43305 Datasheet HTML 1Page - EPCOS B43305 Datasheet HTML 2Page - EPCOS B43305 Datasheet HTML 3Page - EPCOS B43305 Datasheet HTML 4Page - EPCOS B43305 Datasheet HTML 5Page - EPCOS B43305 Datasheet HTML 6Page - EPCOS B43305 Datasheet HTML 7Page - EPCOS B43305 Datasheet HTML 8Page - EPCOS B43305 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
General-purpose grade capacitors
Applications
Switch-mode power supplies in industrial and entertainment
electronics
Uninterruptiple power supplies
Features
Voltage derating (0.93
VR) enables 105
°C operation, more
details available upon request
Extremely high CV product, ultra compact
High ripple current capability
Different case sizes available for each capacitance value
RoHS-compatible
Construction
Charge/discharge-proof, polar
Aluminum case, fully insulated with PVC
Version with PET insulation available
Version with additional PET insulation cap on terminal side
available for insulating the capacitor from the PCB
Snap-in solder pins to hold component in place on PC-board
Minus pole marking on case surface
Minus pole not insulated from case
Overload protection by safety vent on the base
Terminals
Standard version with 2 terminals,
2 lengths available: 6.3 and 4.5 mm
3 terminals to ensure correct insertion: length 4.5 mm
Snap-in capacitors
B43305
Ultra compact
85
°C
Page 2 of 20
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com