Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43896 Datasheet(PDF) 5 Page - EPCOS

Part # B43896
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43896 Datasheet(HTML) 5 Page - EPCOS

  B43896 Datasheet HTML 1Page - EPCOS B43896 Datasheet HTML 2Page - EPCOS B43896 Datasheet HTML 3Page - EPCOS B43896 Datasheet HTML 4Page - EPCOS B43896 Datasheet HTML 5Page - EPCOS B43896 Datasheet HTML 6Page - EPCOS B43896 Datasheet HTML 7Page - EPCOS B43896 Datasheet HTML 8Page - EPCOS B43896 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Overview of available types
VR (V DC)
250
Case dimensions d
× l (mm)
CR (
µF)
33
16
× 20
47
18
× 20
56
18
× 25
68
18
× 31.5
100
18
× 35
140
18
× 40
Other voltage and capacitance ratings are available upon request.
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
Ω
ESRmax
10 kHz
20
°C
Ω
ESRmax
10 kHz
40
°C
Ω
Zmax
100 kHz
20
°C
Ω
IAC,R
100 kHz
125
°C
mA
IAC,max
100 kHz
105
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
003 = for crimped leads, blister
004 = for J leads, blister
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm
012 = for bent 90
° leads, blister
VR = 250 V DC
33
16
× 20
0.710
0.297
14.260 0.284
730
1240
B43896C2336M***
47
18
× 20
0.600
0.250
12.170 0.239
920
1560
B43896C2476M***
56
18
× 25
0.510
0.210
10.380 0.201
1160
1970
B43896C2566M***
68
18
× 31.5
0.420
0.171
8.595 0.163
1410
2400
B43896C2686M***
100
18
× 35
0.330
0.131
6.805 0.125
1650
2810
B43896C2107M***
140
18
× 40
0.240
0.092
5.020 0.088
1900
3230
B43896C2147M***
B43896
125
°C
Page 5 of 24
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com